Part Number Hot Search : 
KA556ID A1232 SC68C 7C128A 02014 JCPS2R T1016 48D05
Product Description
Full Text Search
 

To Download P123 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 polyfet rf devices
General Description Silicon VDMOS and LDMOS transistors designed specifically for broadband RF applications. Suitable for Military Radios, Cellular and Paging Amplifier Base Stations, Broadcast FM/AM, MRI, Laser Driver and others. "Polyfet" process features gold metal for greatly extended lifetime. Low output capacitance and high Ft enhance broadband performance
TM
P123
PATENTED GOLD METALIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR 2 Watts Single Ended Package Style SO8 HIGH EFFICIENCY, LINEAR, HIGH GAIN, LOW NOISE
ABSOLUTE MAXIMUM RATINGS (TC = 25 C)
Total Device Dissipation 10 Watts Junction to Case Thermal Resistance 15 o C/W Maximum Junction Temperature 200 o C Storage Temperature DC Drain Current Drain to Gate Voltage 50 V Drain to Source Voltage 50 V Gate to Source Voltage 30V
o
-65 o C to 150o C
0.8 A
RF CHARACTERISTICS (
SYMBOL Gps PARAMETER Common Source Power Gai Drain Efficiency Load Mismatch Toleranc MIN 10 50 TYP
2WATTS OUTPUT )
MAX UNITS dB % 20:1 Relative TEST CONDITIONS Idq = 0.2 A, Vds = 12.5 V, F = 850 MHz Idq = 0.2 A, Vds = 12.5 V, F = 850 MHz Idq = 0.2 A, Vds = 12.5 V, F = 850 MHz
VSWR
ELECTRICAL CHARACTERISTICS (EACH SIDE)
SYMBOL Bvdss Idss Igss Vgs gM Rdson Idsat Ciss Crss Coss PARAMETER Drain Breakdown Voltag Zero Bias Drain Curren Gate Leakage Curren Gate Bias for Drain Curren Forward Transconductanc Saturation Resistanc Saturation Curren Common Source Input Capacitanc Common Source Feedback Capacitanc Common Source Output Capacitanc 1 0.2 2 2.3 7.5 1.2 8 MIN 40 0.2 1 7 TYP MAX UNITS V mA uA V Mho Ohm Amp pF pF pF TEST CONDITIONS Ids = 0.01 A, Vds = 12.5 V, Vds = 0 V, Ids = 0.02 A, Vgs = 0V Vgs = 0V Vgs = 30V Vgs = Vds
Vds = 10V, Vgs = 5V Vgs = 20V, Ids =1.6 A Vgs = 20V, Vds = 10V Vds = 12.5 V, Vgs = 0V, F = 1 MHz Vds = 12.5 V, Vgs = 0V, F = 1 MHz Vds = 12.5 V, Vgs = 0V, F = 1 MHz
POLYFET RF DEVICES
REVISION 8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com
P123
POUT VS PIN GRAPH
P-123 POUT vs PIN
F=850 MHZ; IDQ=0.26A; VDS=12.5V 3.5 3 2.5 POUT IN WATTS 2 14
100
CAPACITANCE VS VOLTAGE
F2C 1 DIE CAPACITANCE
13
GAIN
12 11 10 Gain in dB
10
1.5
Ciss
Coss
POUT
1 9
Efficiency = 49.4%
0.5 0 0 0.1 0.2 0.3 0.4 PIN IN WATTS 0.5 8 7 0.6
1 0 5 10 15
VDS IN VOLTS
Crss
20
25
30
IV CURVE
F2C I DIE IV CURVE
2.5
ID AND GM VS VGS
F2C 1 DIE GM & ID vs VGS
10
2
Id
1.5 1
1
0.5
0.1
Gm
0 0 2 4 6 8
Vds in Volts
10
12
14
16 0.01 0 2 4 6
Vgs in Volts
8
10
12
14
Vg = 2V
Vg = 4V
Vg = 6V
Vg = 8V
Vg = 10V
Vg = 12V
S11 AND S22 SMITH CHART
PACKAGE DIMENSIONS IN INCHES
POLYFET RF DEVICES
REVISION 8/1/97
1110 Avenida Acaso, Camarillo, CA 93012 TEL:(805) 484-4210 FAX:(805) 484-3393 EMAIL:Sales@polyfet.com URL:www.polyfet.com


▲Up To Search▲   

 
Price & Availability of P123

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X